| Moteur de recherche de fiches techniques de composants électroniques |
|
T97 Fiches technique(PDF) 13 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
T97 Fiches technique(HTML) 13 Page - Vishay Siliconix |
|
13 / 21 page ![]() Conformal Coated Guide www.vishay.com Vishay Sprague Revision: 01-Feb-2024 7 Document Number: 40150 For technical questions, contact: tantalum@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note (1) H case only, packaging code T: lengthwise orientation at capacitors in tape 195D A8 0.157 ± 0.004 [4.0 ± 0.10] 0.058 [1.47] 0.139 [3.53] B 12 0.059 [1.50] 0.189 [4.80] C 8 0.054 [1.37] 0.093 [2.36] D 12 0.067 [1.70] 0.179 [4.55] E 12 0.074 [1.88] 0.239 [6.07] F12 0.315 ± 0.004 [8.0 ± 0.10] 0.076 [1.93] 0.259 [6.58] G12 0.157 ± 0.004 [4.0 ± 0.10] 0.109 [2.77] 0.301 [7.65] H (1) 12 0.472 ± 0.004 [12.0 ± 0.1] 0.122 [3.11] 0.163 [4.14] R12 0.315 ± 0.004 [8.0 ± 0.10] 0.149 [3.78] 0.296 [7.52] S8 0.157 ± 0.004 [4.0 ± 0.10] 0.058 [1.47] 0.149 [3.78] V 8 0.060 [1.52] 0.150 [3.80] X 12 0.069 [1.75] 0.296 [7.52] Y 12 0.089 [2.26] 0.296 [7.52] Z 12 0.114 [2.89] 0.288 [7.31] 194D CWR06 CWR16 CWR26 A8 0.157 ± 0.004 [4.0 ± 0.10] 0.069 [1.75] 0.139 [3.53] B 12 0.073 [1.85] 0.189 [4.80] C 12 0.069 [1.75] 0.244 [6.20] D 12 0.068 [1.72] 0.191 [4.85] E 12 0.074 [1.88] 0.239 [6.07] F12 0.315 ± 0.004 [8.0 ± 0.10] 0.091 [2.31] 0.262 [6.65] G 16 0.134 [3.40] 0.289 [7.34] H 16 0.129 [3.28] 0.319 [8.10] 597D T97 13008 D16 0.317 ± 0.004 [8.0 ± 0.10] 0.150 [3.80] 0.313 [7.95] E 16 0.173 [4.40] 0.343 [8.70] F16 0.476 ± 0.004 [12.0 ± 0.1] 0.205 [5.20] 0.309 [7.85] H 16 0.224 [5.70] 0.313 [7.95] M 16 0.193 [4.90] 0.339 [8.60] N 16 0.283 [7.20] 0.323 [8.20] R 16 0.159 [4.05] 0.313 [7.95] V12 0.317 ± 0.004 [8.0 ± 0.10] 0.088 [2.23] 0.300 [7.62] Z16 0.476 ± 0.004 [12.0 ± 0.1] 0.239 [6.06] 0.311 [7.90] T95 A8 0.157 ± 0.004 [4.0 ± 0.10] 0.063 [1.60] 0.152 [3.86] B 12 0.088 [2.23] 0.166 [4.21] C 12 0.117 [2.97] 0.290 [7.36] D12 0.317 ± 0.004 [8.0 ± 0.10] 0.119 [3.02] 0.296 [7.52] R 12 0.149 [3.78] 0.296 [7.52] S8 0.157 ± 0.004 [4.0 ± 0.10] 0.058 [1.47] 0.149 [3.78] V 8 0.060 [1.52] 0.150 [3.80] X 12 0.069 [1.75] 0.296 [7.52] Y 12 0.089 [2.26] 0.296 [7.52] Z 12 0.114 [2.89] 0.288 [7.31] 14002 B12 0.157 ± 0.004 [4.0 ± 0.10] 0.088 [2.23] 0.166 [4.21] C 12 0.117 [2.97] 0.290 [7.36] D12 0.317 ± 0.004 [8.0 ± 0.10] 0.119 [3.02] 0.296 [7.52] R 12 0.149 [3.78] 0.296 [7.52] T96 R 16 0.476 ± 0.004 [12.0 ± 0.1] 0.159 [4.05] 0.313 [7.95] T98 F16 0.476 ± 0.004 [12.0 ± 0.1] 0.239 [6.06] 0.311 [7.90] M 16 0.193 [4.90] 0.339 [8.60] Z 16 0.272 [6.90] 0.307 [7.80] CARRIER TAPE DIMENSIONS in inches [millimeters] TYPE CASE CODE TAPE WIDTH W IN mm P1 K0 max. B1 max. Downloaded from Arrow.com. |