Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMP2014MTX Fiches technique(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LMP2014MTX
Description  Quad High Precision, Rail-to-Rail Output Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP2014MTX Fiches technique(HTML) 4 Page - National Semiconductor (TI)

  LMP2014MTX Datasheet HTML 1Page - National Semiconductor (TI) LMP2014MTX Datasheet HTML 2Page - National Semiconductor (TI) LMP2014MTX Datasheet HTML 3Page - National Semiconductor (TI) LMP2014MTX Datasheet HTML 4Page - National Semiconductor (TI) LMP2014MTX Datasheet HTML 5Page - National Semiconductor (TI) LMP2014MTX Datasheet HTML 6Page - National Semiconductor (TI) LMP2014MTX Datasheet HTML 7Page - National Semiconductor (TI) LMP2014MTX Datasheet HTML 8Page - National Semiconductor (TI) LMP2014MTX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
5V AC Electrical Characteristics T
J = 25˚C, V
+ = 5V, V - = 0V, V
CM = 2.5V, VO = 2.5V, and RL >
1M
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 3)
Typ
(Note 2)
Max
(Note 3)
Units
GBW
Gain-Bandwidth Product
3
MHz
SR
Slew Rate
4
V/µs
θ
m
Phase Margin
60
deg
G
m
Gain Margin
−15
dB
e
n
Input-Referred Voltage Noise
35
nV/
i
n
Input-Referred Current Noise
pA/
e
np-p
Input-Referred Voltage Noise
R
S = 100
Ω,DCto10Hz
850
nV
PP
t
rec
Input Overload Recovery Time
50
ms
Note 1: Absolute Maximum Ratings indicate limits beyond which damage may occur. Operating Ratings indicate conditions for which the device is intended to be
functional, but specific performance is not guaranteed. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: Typical values represent the most likely parametric norm.
Note 3: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlations using statistical quality control
(SQC) method.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14