| Moteur de recherche de fiches techniques de composants électroniques |
|
LF12ABDT Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LF12ABDT Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 34 page ![]() LF00 SERIES 22/34 ELECTRICAL CHARACTERISTICS FOR LF90C (refer to the test circuits, Tj = 25°C, CI =0.1 µF, CO =2.2 µF unless otherwise specified.) ELECTRICAL CHARACTERISTICS FOR LF120AB (refer to the test circuits, Tj =25°C, CI =0.1 µF, CO =2.2 µF unless otherwise specified.) Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO = 50 mA, VI = 11 V 8.82 9 9.18 V IO = 50 mA, VI =11V,Ta = -25 to 85°C 8.64 9.36 VI Operating Input Voltage IO = 500 mA 16 V IO Output Current Limit 1 A ∆V O Line Regulation VI =10 to16 V, IO = 5 mA 9 45 mV ∆V O Load Regulation VI = 10.3 V, IO = 5 to 500 mA 9 45 mV Id Quiescent Current VI =10 to16V, IO = 0mA ON MODE 0.7 1.5 mA VI = 10.3 to 16V,IO = 500mA 12 VI = 10 V OFF MODE 70 140 µA SVR Supply Voltage Rejection IO =5mA VI = 11±1V f = 120 Hz 71 dB f= 1KHz 66 f = 10 KHz 56 eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage IO = 200 mA 0.2 0.35 V IO = 500 mA 0.4 0.7 VIL Control Input Logic Low Ta = -40 to 125°C 0.8 V VIH Control Input Logic High Ta = -40 to 125°C 2 V II Control Input Current VI =10 V, VC =6V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO =0 to 500mA 2 10 µF Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO = 50 mA, VI = 15 V 11.88 12 12.12 V IO = 50 mA, VI =15 V,Ta = -25 to 85°C 11.76 12.24 VI Operating Input Voltage IO = 500 mA 16 V IO Output Current Limit 1 A ∆V O Line Regulation VI =13 to16 V, IO = 5 mA 12 60 mV ∆V O Load Regulation VI = 13.3 V, IO = 5 to 500 mA 12 60 mV Id Quiescent Current VI =13 to16V, IO = 0mA ON MODE 0.7 1.5 mA VI = 13.3 to 16V,IO = 500mA 12 VI = 13 V OFF MODE 70 140 µA SVR Supply Voltage Rejection IO =5mA VI =14 ± 1V f = 120 Hz 69 dB f= 1KHz 64 f = 10 KHz 54 eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage IO = 200 mA 0.2 0.35 V IO = 500 mA 0.4 0.7 VIL Control Input Logic Low Ta = -40 to 125°C 0.8 V VIH Control Input Logic High Ta = -40 to 125°C 2 V II Control Input Current VI =13 V, VC =6V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO =0 to 500mA 2 10 µF |