Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP80H03GD Fiches technique(PDF) 5 Page - A POWER MICROELECTRONICS

No de pièce AP80H03GD
Description  30V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APME [A POWER MICROELECTRONICS]
Site Internet  
Logo APME - A POWER MICROELECTRONICS

AP80H03GD Fiches technique(HTML) 5 Page - A POWER MICROELECTRONICS

  AP80H03GD Datasheet HTML 1Page - A POWER MICROELECTRONICS AP80H03GD Datasheet HTML 2Page - A POWER MICROELECTRONICS AP80H03GD Datasheet HTML 3Page - A POWER MICROELECTRONICS AP80H03GD Datasheet HTML 4Page - A POWER MICROELECTRONICS AP80H03GD Datasheet HTML 5Page - A POWER MICROELECTRONICS AP80H03GD Datasheet HTML 6Page - A POWER MICROELECTRONICS AP80H03GD Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP80H03GD
30V N+N-Channel Enhancement Mode MOSFET
AP80H03GD RVE1.0
永源微電子科技有限公司
Package Mechanical Data
Reel Spectification-TO-252-4
Dimensions
Millimeters
Inches
Ref.
Min.
Typ.
Max.
Min.
Typ.
Max.
W
E
F
D0
D1
P0
P1
P2
A0
B0
K0
T
t1
15.90
1.65
7.40
1.40
16.10
1.85
7.60
1.60
0.626
0.065
0.291
0.055
0.634
0.073
0.299
0.063
1.40
1.60
7.90
10.45
10.60
0.411
0.417
0.24
0.27
0.009
0.011
0.055
0.063
3.90
4.10
6.90
0.271
10P0
0.154
0.161
8.10
0.311
0.319
1.90
2.10
0.075
0.083
0.10
0.004
40.00
1.575
2.78
0.109
16.00
1.75
7.50
1.50
1.50
4.00
8.00
2.00
10.50
0.630
0.069
0.295
0.059
0.059
0.157
0.315
0.079
0.413
6.85
7.00
2.68
2.88
0.270
0.276
0.105
0.113
39.80
40.20
1.567
1.583



Html Pages

1 2 3 4 5 6 7