| Moteur de recherche de fiches techniques de composants électroniques |
|
PLUGLOCK9WR Fiches technique(PDF) 5 Page - Amphenol Socapex |
|
|
|||||||||||||||||||||||||||||
PLUGLOCK9WR Fiches technique(HTML) 5 Page - Amphenol Socapex |
|
5 / 8 page ![]() www.amphenol-socapex.com Due to technical progress, all information provided is subject to change without prior notice Designed by Amphenol Socapex Amphenol SOCAPEX Other Solutions for Cybersecurity Cybersecurity is achieved through a combination of precautions, not just one such as a password. Connectors can contribute Hardware : Go through Fiber Optics via our Media Converters Hardware : Use our receptacles which cannot be dismounted from outside the box Hardware : Use our Adaptaters RJ45 & USB ↔ 38999 & 26482 RFID : Under investigation RJ45 ↔ Standard 26482 12-10 pin layout adapter ABS 1547 for Avionics applications RJ45 ↔ Standard 26482 12-10 pin layout adapter ABS 1547 for Avionics applications RJ45 ↔ 2 Quadrax contacts - Bulkhead Avionics applications USB ↔ Standard 26482 12-10 pin layout adapter ABS 1547 for Avionics applications USB FTV ↔ Standard 38999 11-98 pin layout adapter C4ISR & Avionics applications |