Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

10127721 Fiches technique(PDF) 3 Page - Amphenol Communications Solutions

No de pièce 10127721
Description  Minitek® Pwr 3.0 Connector System Dual Row & Single Row
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOLCS [Amphenol Communications Solutions]
Site Internet  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

10127721 Fiches technique(HTML) 3 Page - Amphenol Communications Solutions

  10127721 Datasheet HTML 1Page - Amphenol Communications Solutions 10127721 Datasheet HTML 2Page - Amphenol Communications Solutions 10127721 Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
Type
Description
Part Numbers
Dual Row
Right angle PCB header, through hole
10127720
Vertical PCB header, through hole
10127721
Receptacle housing
10127716
Header housing
10127717
Right angle PCB header, SMT
10137924
Right angle PCB header, DIP boardlock
10137925
Vertical PCB header, SMT
10137926
Vertical PCB header, DIP boardlock
10137927
Vertical PCB header, through hole (BMI)
10138980
Single Row
Right angle PCB header, through hole
10136654
Right angle PCB header, SMT tail & hold down
10136655
Vertical PCB Header, through hole
10136656
Right angle PCB header, SMT tail & DIP boardlock
10137867
Receptacle housing
10136653
Applicable for both types
Receptacle terminal (post-plated solution)
10127718
Receptacle terminal (pre-plated solution)
10134160
Header terminal
10127719
PART NUMBERS
Minitek® Pwr 3.0 Connector System



Html Pages

1 2 3