Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APM32E103CCU6-R Fiches technique(PDF) 20 Page - Geehy Semiconductor Co., Ltd.

No de pièce APM32E103CCU6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GEEHY [Geehy Semiconductor Co., Ltd.]
Site Internet  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CCU6-R Fiches technique(HTML) 20 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CCU6-R Datasheet HTML 16Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 17Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 18Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 19Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 20Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 21Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 22Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 23Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 24Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 79 page
background image
www.g eeh y.co m
Pag e 19
(4) This kind of multiplexing function can be configured to other pins by software (if the corresponding package model has
this pin). For details, please refer to the multiplexing function I/O chapter and the debugging setting chapter of the
user manual.
(5) Pin 5 and pin 6 of LQFP64 and below package are configured as OSC_IN and OSC_OUT function pins by default after
chip reset. The software can reset these two pins as PD0 and PD1 functions. However, for LQFP100 package, since
PD0 and PD1 are inherent function pins, it is unnecessary to re image by software. For more details, refer to the
Reuse Function I/O section and the Debug Settings section of the reference manual. In output mode, PD0 and PD1
can only be configured as 50MHz output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79