Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7SCR Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button ST7SCR_07 Datasheet HTML 43Page - STMicroelectronics ST7SCR_07 Datasheet HTML 44Page - STMicroelectronics ST7SCR_07 Datasheet HTML 45Page - STMicroelectronics ST7SCR_07 Datasheet HTML 46Page - STMicroelectronics ST7SCR_07 Datasheet HTML 47Page - STMicroelectronics ST7SCR_07 Datasheet HTML 48Page - STMicroelectronics ST7SCR_07 Datasheet HTML 49Page - STMicroelectronics ST7SCR_07 Datasheet HTML 50Page - STMicroelectronics ST7SCR_07 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 101 page
background image
ST7SCR
47/101
USB INTERFACE (Cont’d)
USB Endpoint RAM Buffers
There are seven Endpoints including one bidirec-
tional control Endpoint (Endpoint 0), five IN End-
points (Endpoint 1, 2, 3, 4, 5) and one OUT end-
point (Endpoint 2).
Endpoint 0 is 2 x 8 bytes in size, Endpoint 1, 3, 4,
and Endpoint 5 are 8 bytes in size and Endpoint 2
is 2 x 64 bytes in size .
Figure 30. Endpoint Buffer Size
Endpoint 2 Buffer OUT
Endpoint 1 Buffer IN
Endpoint 0 Buffer IN
Endpoint 0 Buffer OUT
Endpoint 2 Buffer IN
8 Bytes
8 Bytes
8 Bytes
64 Bytes
64 Bytes
Endpoint 3 Buffer IN
8 Bytes
Endpoint 5 Buffer IN
Endpoint 4 Buffer IN
8 Bytes
8 Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More