| Moteur de recherche de fiches techniques de composants électroniques |
|
98464 Fiches technique(PDF) 14 Page - Amphenol Communications Solutions |
|
|
|||||||||||||||||||||||||||||
98464 Fiches technique(HTML) 14 Page - Amphenol Communications Solutions |
|
14 / 15 page ![]() www.amphenol-cs.com TARGET MARKETS Minitek® IDC Receptacle FEATURES BENEFITS § Early entry, single-beam contacts provide long wiping action for reliable electrical contact § Center key polarization and friction latch options Minitek® is Amphenol FCI’s brand for board-to-board and cable/wire-to-board connectors in 2.00mm (0.079µin.) pitch. Amphenol FCI is the leading supplier of this type of modular system and continues to grow and expand it. A new eject latch header is now being added to this series. This header securely latches the receptacle in place and also enables simple ejection. Four walled shielding protects pins in unmated condition. To prevent mismating, the eject latch header is equipped with polarization keys. Recessed pins ensure proper alignment, eliminate damage during mating, and maintain high pin retention to the housing during repeated mating cycles. The eject latch header has a very compact product design. It is made from thermoplastic compatible with re-flow applications. The latches are specifically designed to minimize space requirements on the printed circuit board. The part mates with the Minitek® IDC receptacle. BOARD/ WIRE-TO-BOARD CONNECTORS |