| Moteur de recherche de fiches techniques de composants électroniques |
|
CD74HC640M Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CD74HC640M Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 12 page ![]() 2 Functional Diagram OUTPUT ENABLE AND DIRECTION-SELECT LOGIC A0 A7 OE DIR B0 B7 A1 THRU A6 B1 THRU B6 VCC = 20 GND = 10 TRUTH TABLE CONTROL INPUTS DATA PORT STATUS OE DIR An Bn LL OI HH Z Z HL Z Z LH I O To prevent excess currents in the High-Z modes all I/O terminals should be terminated with 1k Ω to 1MΩ resistors. H = High Level L = Low Level I = Input O = Output (Inversion of Input Level) Z = High Impedance CD54HC640, CD74HC640, CD54HCT640, CD74HCT640 CD54HC640, CD74HC640, CD54HCT640, CD74HCT640 |