Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD54HC640F3A Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD54HC640F3A
Description  High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD54HC640F3A Fiches technique(HTML) 2 Page - Texas Instruments

  CD54HC640F3A Datasheet HTML 1Page - Texas Instruments CD54HC640F3A Datasheet HTML 2Page - Texas Instruments CD54HC640F3A Datasheet HTML 3Page - Texas Instruments CD54HC640F3A Datasheet HTML 4Page - Texas Instruments CD54HC640F3A Datasheet HTML 5Page - Texas Instruments CD54HC640F3A Datasheet HTML 6Page - Texas Instruments CD54HC640F3A Datasheet HTML 7Page - Texas Instruments CD54HC640F3A Datasheet HTML 8Page - Texas Instruments CD54HC640F3A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Functional Diagram
OUTPUT ENABLE AND
DIRECTION-SELECT LOGIC
A0
A7
OE
DIR
B0
B7
A1
THRU
A6
B1
THRU
B6
VCC = 20
GND = 10
TRUTH TABLE
CONTROL INPUTS
DATA PORT STATUS
OE
DIR
An
Bn
LL
OI
HH
Z
Z
HL
Z
Z
LH
I
O
To prevent excess currents in the High-Z modes all I/O terminals
should be terminated with 1k
Ω to 1MΩ resistors.
H = High Level
L = Low Level
I = Input
O = Output (Inversion of Input Level)
Z = High Impedance
CD54HC640, CD74HC640, CD54HCT640, CD74HCT640
CD54HC640, CD74HC640, CD54HCT640, CD74HCT640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12