Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI90SD1636CFD Fiches technique(PDF) 13 Page - Pericom Semiconductor Corporation

No de pièce PI90SD1636CFD
Description  SERDES Gigabit Ethernet Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90SD1636CFD Fiches technique(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI90SD1636CFD Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 9Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 10Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 11Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 12Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 13Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 14Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 15Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
PS8922A
11/08/07
PI90SD1636C
SERDES Gigabit Ethernet Transceiver
Appendix A
Gigabit Ethernet Transceiver
Pin Cross Reference Guide
PI90SD1636C, VSC7123 and HDMP1636A/1646A
Summary:
Pericom Semiconductor’s PI90SD1636C is functionally pin compatible with Vitesse’s VSC7123 and Agilent’s HDMP-1636A/46A.
Minor differences exist amongst the parts regarding the use of certain pins that are used by the manufacturer for internal tests, as is
further clarified below. These differences will not affect plug compatibility during normal operations.
07-0253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15