Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI90SD1636CFC Fiches technique(PDF) 2 Page - Pericom Semiconductor Corporation

No de pièce PI90SD1636CFC
Description  SERDES Gigabit Ethernet Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90SD1636CFC Fiches technique(HTML) 2 Page - Pericom Semiconductor Corporation

  PI90SD1636CFC Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90SD1636CFC Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90SD1636CFC Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90SD1636CFC Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90SD1636CFC Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90SD1636CFC Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90SD1636CFC Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90SD1636CFC Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90SD1636CFC Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
PS8922A
11/08/07
PI90SD1636C
SERDES Gigabit Ethernet Transceiver
Input Data
Latch
DOUT+
DOUT-
EWRAP
10
10
DIN+
DIN-
10
10
125 MHz
62.5 MHz
62.5 MHz
Shift Registers
TX PLL Clock
Generator
TX<9:0>
TX_CLK
Shift
Registers
RX PLL Clock
Recovery
FRAME
ENABLE
Output Latch
10
÷ 2
RX_CLK<1>
RX_CLK<0>
RX<9:0>
EN_CDET
COM_DET
Functional Block Diagram
07-0253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15