Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N60LL-B-TN3-R Fiches technique(PDF) 3 Page - Unisonic Technologies

No de pièce 2N60LL-B-TN3-R
Description  2 Amps,􀀁600/650 Volts N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N60LL-B-TN3-R Fiches technique(HTML) 3 Page - Unisonic Technologies

  2N60LL-B-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2N60LL-B-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2N60LL-B-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2N60LL-B-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2N60LL-B-TN3-R Datasheet HTML 5Page - Unisonic Technologies 2N60LL-B-TN3-R Datasheet HTML 6Page - Unisonic Technologies 2N60LL-B-TN3-R Datasheet HTML 7Page - Unisonic Technologies 2N60LL-B-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2N60L
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-182,A
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD (ON)
10
30
ns
Turn-On Rise Time
tR
25
60
ns
Turn-Off Delay Time
tD(OFF)
20
50
ns
Turn-Off Fall Time
tF
VDD =300V, ID =2.4A, RG=25Ω
(Note 4, 5)
25
60
ns
Total Gate Charge
QG
9.0
11
nC
Gate-Source Charge
QGS
1.6
nC
Gate-Drain Charge
QGD
VDS=480V, VGS=10V, ID=2.4A
(Note 4, 5)
4.3
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, ISD = 2.0 A
1.4
V
Continuous Drain-Source Current
ISD
2.0
A
Pulsed Drain-Source Current
ISM
8.0
A
Reverse Recovery Time
tRR
180
ns
Reverse Recovery Charge
QRR
VGS = 0 V, ISD = 2.4A,
di/dt = 100 A/µs (Note4)
0.72
µC
Note:
1. Repetitive Rating : Pulse width limited by TJ
2. L=64mH, IAS=2.0A, VDD=50V, RG=25 Ω, Starting TJ = 25°C
3. ISD ≤ 2.4A, di/dt ≤200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7 8