| Moteur de recherche de fiches techniques de composants électroniques |
|
MF-RHT070-2 Fiches technique(PDF) 1 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-RHT070-2 Fiches technique(HTML) 1 Page - Bourns Electronic Solutions |
|
|
1 / 1 page ![]() C ONSUMER MARKET K1412 Features ■ Overvoltage protection ■ Snubber network ■ EMI and common mode filtering ■ ESD protection Applications ■ DC/DC power supplies ■ Motor drives New Bourns® Design Kit CCAUTO-LAB1 DC/DC Circuit Conditioning Lab Kit Riverside, California - TO BE RELEASED MARCH 28, 2014 - The Bourns Consumer Division is pleased to announce the release of the DC/DC Circuit Conditioning Lab Kit CCAUTO-LAB1. The new design kit offers a selection of components for circuit protection and circuit conditioning challenges faced by designers of automotive power supplies and motor drives. CCAUTO-LAB1 Quantity Part Numbers No. of Parts per Kit SDE1006A-1R5M................................. 1 SDE1006A-101K.................................. 1 SDE1006A-821K.................................. 1 SDR1307A-1R5M ................................ 1 SDR1307A-101K.................................. 1 SDR1307A-821K.................................. 1 SRR0735A-100M................................. 1 SRR0735A-101M................................. 1 SRR0735A-681M ................................ 1 SRR1260A-1R0Y.................................. 1 SRR1260A-470M................................. 1 CCAUTO-LAB1 Quantity Part Numbers No. of Parts per Kit SRR1260A-471K.................................. 1 SRR1280A-4R7Y.................................. 1 SRR1280A-220M................................. 1 SRR1280A-101M................................. 1 SRR1280A-102K.................................. 1 SRU1028A-4R7Y ................................. 1 SRU1028A-470Y.................................. 1 SRU1028A-151Y.................................. 1 SRU1038A-1R5Y ................................. 1 MF-RHT070-2...................................... 1 MF-RHT200-2...................................... 1 CCAUTO-LAB1 Quantity Part Numbers No. of Parts per Kit MF-SMHT136-2................................... 1 MF-SMHT160-2................................... 1 MF-PSHT010X-2.................................. 5 MF-LSMF185/33X-2............................ 1 MF-LSMF300/24X-2............................ 1 PWR163S-25-47R0J............................ 1 PWR263S-35-47R0J............................ 1 PWR263S-35-4R70J............................ 1 CG0603MLC-05E.................................. 5 CG0603MLC-12E.................................. 5 Should you have any questions or need additional information, please feel free to contact Customer Service/Inside Sales. ADVANCE NOTICE |
Numéro de pièce similaire - MF-RHT070-2 |
|
Description similaire - MF-RHT070-2 |