| Moteur de recherche de fiches techniques de composants électroniques |
|
MF-MSHT035KX Fiches technique(PDF) 1 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-MSHT035KX Fiches technique(HTML) 1 Page - Bourns Electronic Solutions |
|
1 / 7 page ![]() MF-MSHT Series – PTC Resettable Fuses Features n High power ratings with higher hold currents at elevated temperatures n Operating temperature range from -40 °C to 125 °C n Low thermal derating factor n Standard 1812 footprint size n Compliant with AEC-Q200 Rev-D Stress Test Qualification for Passive Components in automotive applications n Surface mount packaging for automated assembly n Agency recognition: n RoHS compliant* Electrical Characteristics Model Vmax Imax Ihold Itrip Resistance Max. Time To Trip Tripped Power Dissipation Agency Recognition AEC-Q200 Compliant at 23 °C at 23 °C Ohms at 23 °C at 23 °C Watts cUL TÜV Volts Amps Amps RMin. R1Max.** Amps Seconds Typical E174545 R 50384138 MF-MSHT020KX 42 40 0.20 1.0 0.5 4.5 8.0 0.1 1.2 3 3 3 MF-MSHT035KX 36 40 0.35 1.75 0.3 2.6 8.0 0.1 1.2 3 3 3 MF-MSHT050KX 30 40 0.50 2.5 0.18 1.6 8.0 0.1 1.2 3 3 3 MF-MSHT075KX 30 40 0.75 3.75 0.09 0.85 8.0 5.0 1.5 3 3 3 MF-MSHT110KX 16 40 1.10 5.5 0.05 0.45 8.0 5.0 1.5 3 3 3 MF-MSHT125KX 9 40 1.25 6.25 0.03 0.30 8.0 5.0 1.5 3 pending 3 MF-MSHT150KX 9 40 1.50 6.0 0.022 0.20 10.0 5.0 1.5 3 pending 3 MF-MSHT175KX 9 40 1.75 7.0 0.018 0.17 10.0 5.0 1.5 3 pending 3 **R1Max. measured 24 hours post reflow Environmental Characteristics Item Condition Criteria Operating Temperature -40 °C to +125 °C Recommended Storage +40 °C max. / 70 % R.H. max. Passive Aging +125 °C, 1000 hours R < R1max Humidity Aging +85 °C, 85 % R.H. 1000 hours R < R1max Thermal Shock -40 °C to +125 °C, 20 times R < R1max Solvent Resistance MIL-STD-202, Method 215 No change (marking still legible) Vibration MIL-STD-883C, Method 2007.1 Condition A No change (Rmin < R < R1max) Moisture Sensitivity Level (MSL) See Note ESD Classification Class 6 (per AEC-Q200-2, HBM) Test Procedures and Requirements Item Test Condition Accept/Reject Criteria Visual/Mechanical Verify dimensions and materials Per MF physical description Resistance In still air @ 23 °C Rmin ≤ R ≤ Rmax Time to Trip At specified current, Vmax, 23 °C, still air T ≤ max. time to trip (seconds) Hold Current 30 min. at Ihold, still air No trip Trip Cycle Life Vmax, Imax, 100 cycles No arcing or burning Trip Endurance Vmax, 48 hours No arcing or burning Solderability 245 °C ±5 °C, 5 seconds 95 % min. coverage WARNING Cancer and Reproductive Harm www.P65Warnings.ca.gov *RoHS Directive 2015/863, Mar 31, 2015 and Annex. Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. AUTOMOTIVE GRADE PRODUCT TECHNICAL LIBRARY INVENTORY SAMPLES Additional Information Click these links for more information: |
Numéro de pièce similaire - MF-MSHT035KX |
|
Description similaire - MF-MSHT035KX |