| Moteur de recherche de fiches techniques de composants électroniques |
|
NR-LAB2 Fiches technique(PDF) 5 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
NR-LAB2 Fiches technique(HTML) 5 Page - Bourns Electronic Solutions |
|
5 / 6 page ![]() Overcoming Circuit Protection Challenges in Lithium Battery Cell Operated Electronics Komatsulite™ Mini-Breakers Application Note 12/15 • e/C1564 LC Series HC Series KCA Series NR-C Series NR-A Series Given the mechanical characteristics of the mini-breaker Thermal Cut Off device, certain precautions are essential in its handling. The terminals are made of thin copper alloy with right angle edges and should be handled with finger cots and tweezers. This helps avoid both finger injury and discoloration of the terminals from direct contact with the bare finger. The body of the mini-breaker is composed of plastic parts that can be damaged or result in increased resistance if clamped or dented with tools. Similar damage to the body can result from excess stress on the mini-breaker and body terminals. Regardless of whether the mini-breaker body is welded with direct welding or series welding, the selection of a suitable jig can help ensure there is no excess stress. Komatsulite™ mini-breakers currently are not intended for a surface mount processing or for reflow soldering. Rather, resistance or laser welding are suggested for connecting the nickel tabs to the existing mini-breakers. For safety, the device must be used within the electrical rating specified in the data sheet. This helps ensure the switching and activation life cycle is not impacted and the mini-breaker arm remains robust. The mini-breaker should be mounted to the hottest area of the device to ensure it transfers heat effectively. Once mounted, the mini- breaker and body terminals should not move. Vibration and heat may cause damage to the mini-breaker body or an increase in resistance. The mini-breaker is intended for use in normal environments and should not be exposed to extreme conditions, temperatures, fluids, gases, or static electric charges. DEVICE HANDLING RECOMMENDATIONS |