Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2-RK Fiches technique(PDF) 13 Page - TEKTRONIX, INC.

No de pièce 2-RK
Description  2 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEKTRONIX [TEKTRONIX, INC.]
Site Internet  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2-RK Fiches technique(HTML) 13 Page - TEKTRONIX, INC.

Back Button 2-RK Datasheet HTML 9Page - TEKTRONIX, INC. 2-RK Datasheet HTML 10Page - TEKTRONIX, INC. 2-RK Datasheet HTML 11Page - TEKTRONIX, INC. 2-RK Datasheet HTML 12Page - TEKTRONIX, INC. 2-RK Datasheet HTML 13Page - TEKTRONIX, INC. 2-RK Datasheet HTML 14Page - TEKTRONIX, INC. 2-RK Datasheet HTML 15Page - TEKTRONIX, INC. 2-RK Datasheet HTML 16Page - TEKTRONIX, INC. 2-RK Datasheet HTML 17Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
TekScope PC analysis software
Get the analysis capability of an award-winning oscilloscope on your
PC. Analyze waveforms anywhere, anytime.
• Analyze waveforms anywhere without an oscilloscope using the
same UI as the oscilloscope
• Share data with colleagues and customers
• Synchronize waveforms from multiple oscilloscopes on the same
screen
• Add advanced analysis capabilities such as spectrum analysis, jitter
analysis, and advanced bus decoding.
TekScope software on a PC
Kickstart
2 Series MSO is compatible Kickstart software. Kickstart is a PC based
application that enables quick setup and data collection across many
types of bench instruments. It also offers a collection of tools for quick
and easy interaction and analysis of data.
• Connect and control up to 8 instruments at a time
•
Supports SMU's, DMM's, Power Supplies, Oscilloscopes, AFG's,
Data loggers, and Senstive instruments
•
Automate data collection
•
Save and replicate test configurations
•
Plot collected data for a quick visual inspection of trends
•
Export data in different formats
Kickstart multi-instrument controls and analysis
2 Series MSO Datasheet
www.tek.com 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30