Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PK-710KA Fiches technique(PDF) 2 Page - Prokits Industries Co., LTD

No de pièce PK-710KA
Description  PK-710KA Basic Electronic Tool Kit (with 110V soldering iron)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROSKITINDUSTRIES [Prokits Industries Co., LTD]
Site Internet  https://www.prokits.com.tw/
Logo PROSKITINDUSTRIES - Prokits Industries Co., LTD

PK-710KA Fiches technique(HTML) 2 Page - Prokits Industries Co., LTD

  PK-710KA Datasheet HTML 1Page - Prokits Industries Co., LTD PK-710KA Datasheet HTML 2Page - Prokits Industries Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P2 / 2
9DP-S001
Pen Solder 63%
9K003A-1
Needle File Flat
9K003B-1
Needle File Round
9MS-S001
PVC Insulated Tape
9SD-201A
Pro-Soft Screwdriver (-3.0 3.0x75mm)
9SD-201B
Pro-Soft Screwdriver (+#0 3.0x75mm)
9SD-202A
Pro-Soft Screwdriver (-5 5x75mm)
9SD-202B
Pro-Soft Screwdriver (+#1 5x75mm)
9SD-207A
Pro-Soft Screwdriver (-6 6x100mm)
9SD-207B
Pro-Soft Screwdriver (+#2 6x100mm)
DK-2039
Utility Knife (3 Blades Self Loading)
HW-121M
Folding Type Hex Key Set(Metric)
MT-1210
3 1/2 Compact Digital Multimeter
PM-736
Long Nose Plier (132mm)
PM-737
Diagonal Cutting Plier (109mm)
SI-130A-20
Ceramic Soldering Iron(110V)
SR-336
Multi Purpose Scissor
9PK-710P
Deluxe Tool Case W/2 Pallets
Product Weight (w/o package)
:
Weight(Kg)
Measurement
3.67kgs
L(mm)
W(mm)
H(mm)
293
350
116
Individual Packing
Packing
:
Master Packing
:
Pcs
N.W
Kg
G. W
Kg
Measurement
CUFT
L(cm)
W(cm)
H(cm)
Individual Packing
1
-
3.67
29.3
35
11.6
-
Inner Box
1
3.67
29.3
35
11.6
-
CTN
6
22
24
32
37
73
3.05
THE END ~



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com