Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UILJ3 Fiches technique(PDF) 2 Page - PANDUIT CORP.

No de pièce UILJ3
Description  TIA/EIA-606-A Labeling Compliance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

UILJ3 Fiches technique(HTML) 2 Page - PANDUIT CORP.

  UILJ3 Datasheet HTML 1Page - PANDUIT CORP. UILJ3 Datasheet HTML 2Page - PANDUIT CORP. UILJ3 Datasheet HTML 3Page - PANDUIT CORP. UILJ3 Datasheet HTML 4Page - PANDUIT CORP. UILJ3 Datasheet HTML 5Page - PANDUIT CORP. UILJ3 Datasheet HTML 6Page - PANDUIT CORP. UILJ3 Datasheet HTML 7Page - PANDUIT CORP. UILJ3 Datasheet HTML 8Page - PANDUIT CORP. UILJ3 Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TIA/EIA-606-A
Labeling Compliance
TIA/EIA-606-A Standard
For compliance with the TIA/EIA-606-A standard, Panduit has the solution.
This brochure will walk you through the labeling requirements of the standard and
introduce you to identification solutions specifically designed to comply with
TIA/EIA-606-A. The standard establishes guidelines for owners, end users,
manufacturers, consultants, contractors, designers, installers and facility
administrators involved in the administration of the telecommunications
infrastructure. Proper identification of your network allows moves, adds, changes,
trouble shooting and repairs to be accomplished faster and more efficiently.
The Ultimate ID ® Network Labeling System
The Ultimate ID ® Network Labeling System featured in this brochure was designed
specifically with the TIA/EIA-606-A standard in mind. It includes faceplates, surface
mount boxes, patch panels, marker ties, labels for desktop printers and the
PanTher ™ LS8E Hand-Held Thermal Transfer Printer. All Ultimate ID ® hardware
uses labels with a common compact height. This not only enhances the
appearance of the installation, but also saves time and money by providing a clear
and efficient way to label according to the TIA/EIA-606-A standard. All labels are
positioned adjacent to, centered and parallel to the module they are identifying. The
appearance of the installation can be further enhanced by using a consistent font
size throughout the installation. The PanTher™ LS8E Printer and Panduit desktop
labeling software can both be used to mechanically print labels with the same font.
For detailed information on related Panduit identification products, you may
request the following information from our customer service representatives or by
downloading from the Panduit web site:
• Panduit Physical Infrastructure Systems Catalog
• PanTher™ LS8E Hand-Held Thermal Transfer Printer: Product Bulletin
• TDP43MY Thermal Transfer Printer: Product Bulletin
• Easy-Mark ™ Labeling Software: Product Bulletin
Products that are a part of the
Ultimate ID ® Network Labeling
System are identified with this icon.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28