| Moteur de recherche de fiches techniques de composants électroniques |
|
TLJ Fiches technique(PDF) 1 Page - TUK Ltd |
|
|
|||||||||||||||||||||||||||||
TLJ Fiches technique(HTML) 1 Page - TUK Ltd |
|
1 / 5 page ![]() LOKJAC Category 6 tool-less locking keystone SLJwh SLJbk LOKJAC Category 6 tool-less locking keystone (SLJ*) with key for LOKJAC range (TLJ) Our locking Category 6 jack offers a tool-less keystone solution for almost any Category 6 locking requirement. The locking mechanism insures maximum safety and security for your cables, allowing you to install and secure and, at a later date, release the locked cable as required. The LOKJAC also offers the facility of high speed tool-less installation, which saves the installer time on time-critical applications. The IDC’s are designed with staggered pin gaps, resulting in excellent installation speed and retention force compared to standard tool-less IDC components. Features High performance data throughput, meets Category 6 data transfer rates at permanent link level Locked securely into place with LOKJAC key, with easy lock and release mechanism High speed tool-less installation Can be terminated with either 110 or LSA+ type tools, if conventional punch down termination is preferred. Standard format keystone fits a wide range of panels, adaptors and faceplates UTP socket to FCC68 standard Available in black and white versions to suit the required application Available in Panel mount and D UNIVERSAL versions:- SLJwhpm and SLJbkDpm. |
Numéro de pièce similaire - TLJ |
|
Description similaire - TLJ |