Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP20N50F Fiches technique(PDF) 2 Page - A POWER MICROELECTRONICS

No de pièce AP20N50F
Description  500V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APME [A POWER MICROELECTRONICS]
Site Internet  
Logo APME - A POWER MICROELECTRONICS

AP20N50F Fiches technique(HTML) 2 Page - A POWER MICROELECTRONICS

  AP20N50F Datasheet HTML 1Page - A POWER MICROELECTRONICS AP20N50F Datasheet HTML 2Page - A POWER MICROELECTRONICS AP20N50F Datasheet HTML 3Page - A POWER MICROELECTRONICS AP20N50F Datasheet HTML 4Page - A POWER MICROELECTRONICS AP20N50F Datasheet HTML 5Page - A POWER MICROELECTRONICS AP20N50F Datasheet HTML 6Page - A POWER MICROELECTRONICS AP20N50F Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP20N50FIPIT
500V N-Channel Enhancement Mode MOSFET
AP20N50F/P/T RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2
、The EAS data shows Max. rating . L=4.1Mh IAS=16A, VDD=50V, RG=25Ω, Starting TJ = 25 ºC
3
、The test condition is Pulse Test: Pulse width ≤ 300μs, Duty Cycle ≤ 1%
4
、The power dissipation is limited by 150℃ junction temperature
5
、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 μA
500
V
ΔBVDSS / ΔTJ Breakdown Voltage Temperature Coefficient ID=250μA, Referenc ed to 25°C
0.51
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 500 V, VGS = 0 V
1
μA
VDS = 400 V, TC = 125°C
10
μA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
-100
nA
VGS(TH)
Gate Threshold Voltage
VDS=VGS, ID =250 uA
2.0
3.0
5.0
V
RDS(On)
Drain-Source On-state Resistance
VGS=10 V, ID =8 A, TJ = 25°C
260
300
mΩ
gFS
Forward Transconductance
VDS = 40 V, ID = 8 A (Note 4)
16
S
Ciss
Input Capacitance
VDS = 25V, VGS = 0V, f = 1.0
MHz
1670
pF
Coss
Output Capacitance
247
pF
Crss
Reverse Transfer Capacitance
6.8
pF
td(on)
Turn On Delay Time
VDD=250V, ID=16A,
RG = 25 Ω
27
ns
tr
Rising Time
45
ns
td(off)
Turn Off Delay Time
61
ns
tf
Fall Time
38
ns
Qg
Total Gate Charge
VDS = 250 V, ID = 16A,
VGS = 10 V
31
nC
Qgs
Gate-Source Charge
13
nC
Qgd
Gate-Drain Charge
9
nC
ISM
Maximum Pulsed Drain-Source Diode Forward Current
64
A
VSD
Diode Forward Voltage
VGS= 0 V, IS = 16 A
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 16 A, dIF / dt =
100 A/μs Note 4)
342
ns
Qrr
Reverse Recovery Charge
4.0
μC



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com