Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP20H04NF Fiches technique(PDF) 1 Page - A POWER MICROELECTRONICS

No de pièce AP20H04NF
Description  40V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APME [A POWER MICROELECTRONICS]
Site Internet  
Logo APME - A POWER MICROELECTRONICS

AP20H04NF Fiches technique(HTML) 1 Page - A POWER MICROELECTRONICS

  AP20H04NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP20H04NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP20H04NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP20H04NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP20H04NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP20H04NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP20H04NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP20H04NF
40V N+N-Channel Enhancement Mode MOSFET
AP20H04NF RVE3.0
Description
The AP20H04NF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a
Battery protection or in other Switching application.
General Features
VDS = 40V ID =20A
RDS(ON) < 16mΩ @ VGS=10V
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP20H04NF
AP20H04NF
5000
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
20
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
8.4
A
Pulsed Drain Current
IDM
100
A
Maximum Power Dissipation
PD
2
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
62.5
℃
/W
P
DFN5*6-8L
永源微電子科技有限公司


Numéro de pièce similaire - AP20H04NF

FabricantNo de pièceFiches techniqueDescription
logo
A POWER MICROELECTRONIC...
AP20H04DF APME-AP20H04DF Datasheet
1Mb / 7P
40V NN-Channel Enhancement Mode MOSFET
More results

Description similaire - AP20H04NF

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW6H04LI YFWDIODE-YFW6H04LI Datasheet
964Kb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8H04DF YFWDIODE-YFW8H04DF Datasheet
1Mb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8H04S YFWDIODE-YFW8H04S Datasheet
991Kb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10H04DF YFWDIODE-YFW10H04DF Datasheet
1Mb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10H04S YFWDIODE-YFW10H04S Datasheet
1Mb / 6P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20H04NF YFWDIODE-YFW20H04NF Datasheet
2Mb / 6P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20H04S YFWDIODE-YFW20H04S Datasheet
1Mb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW35H04NF YFWDIODE-YFW35H04NF Datasheet
2Mb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW40H04NF YFWDIODE-YFW40H04NF Datasheet
1Mb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com