Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP20G06GD Fiches technique(PDF) 8 Page - A POWER MICROELECTRONICS

No de pièce AP20G06GD
Description  60V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APME [A POWER MICROELECTRONICS]
Site Internet  
Logo APME - A POWER MICROELECTRONICS

AP20G06GD Fiches technique(HTML) 8 Page - A POWER MICROELECTRONICS

Back Button AP20G06GD Datasheet HTML 2Page - A POWER MICROELECTRONICS AP20G06GD Datasheet HTML 3Page - A POWER MICROELECTRONICS AP20G06GD Datasheet HTML 4Page - A POWER MICROELECTRONICS AP20G06GD Datasheet HTML 5Page - A POWER MICROELECTRONICS AP20G06GD Datasheet HTML 6Page - A POWER MICROELECTRONICS AP20G06GD Datasheet HTML 7Page - A POWER MICROELECTRONICS AP20G06GD Datasheet HTML 8Page - A POWER MICROELECTRONICS AP20G06GD Datasheet HTML 9Page - A POWER MICROELECTRONICS AP20G06GD Datasheet HTML 10Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AP20G06GD
60V N+P-Channel Enhancement Mode MOSFET
AP20G06GD RVE1.0
永源微電子科技有限公司
Package Mechanical Data:TO-252-4L
Reel Spectification-TO-252-4
Dimensions
Millimeters
Inches
Ref.
Min.
Typ.
Max.
Min.
Typ.
Max.
W
E
F
D0
D1
P0
P1
P2
A0
B0
K0
T
t1
15.90
1.65
7.40
1.40
16.10
1.85
7.60
1.60
0.626
0.065
0.291
0.055
0.634
0.073
0.299
0.063
1.40
1.60
7.90
10.45
10.60
0.411
0.417
0.24
0.27
0.009
0.011
0.055
0.063
3.90
4.10
6.90
0.271
10P0
0.154
0.161
8.10
0.311
0.319
1.90
2.10
0.075
0.083
0.10
0.004
40.00
1.575
2.78
0.109
16.00
1.75
7.50
1.50
1.50
4.00
8.00
2.00
10.50
0.630
0.069
0.295
0.059
0.059
0.157
0.315
0.079
0.413
6.85
7.00
2.68
2.88
0.270
0.276
0.105
0.113
39.80
40.20
1.567
1.583



Html Pages

1 2 3 4 5 6 7 8 9 10