| Moteur de recherche de fiches techniques de composants électroniques |
|
ZIOL2201 Fiches technique(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZIOL2201 Fiches technique(HTML) 13 Page - Renesas Technology Corp |
|
13 / 92 page ![]() ZIOL2xxx Datasheet © 2016 Integrated Device Technology, Inc. 13 April 26, 2016 3 Detailed Description 3.1. Block schematic Figure 3.1 Functional Block Diagram of the ZIOL2xxx LV Interface HV Interface en = Function (building block) can be enabled/disabled by the configuration settings. = Function (building block) can be configured/parameterized by the configuration settings. Analog Block Digital Block *) = Building block functionality/availability depends on the ZIOL2xxx product definition, please refer to the ZIOL2xxx product matrix. AUX *) analog filter PFD RST_L VDD INT_L SPI_EN_L WURQ_L internal supply LR_OUT SW FB DC_RDY AUX_I AUX_O TX_EN/ SPI_CLK TX/ MOSI RX/ MISO COM_O COM_I AUX_TX AUX_EN VSS AUX_RX en analog filter Dual channel transceiver COM *) LR_IN en config register status register config EEPROM SPI *) digital filter digital filter System control OSC en en en en DC / DC Converter *) Under-voltage and line-fail detector |