Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS4431 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce TS4431
Description  1.224V Open Collector Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4431 Fiches technique(HTML) 3 Page - STMicroelectronics

  TS4431 Datasheet HTML 1Page - STMicroelectronics TS4431 Datasheet HTML 2Page - STMicroelectronics TS4431 Datasheet HTML 3Page - STMicroelectronics TS4431 Datasheet HTML 4Page - STMicroelectronics TS4431 Datasheet HTML 5Page - STMicroelectronics TS4431 Datasheet HTML 6Page - STMicroelectronics TS4431 Datasheet HTML 7Page - STMicroelectronics TS4431 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Typical Application Schematic
TS4431
3/8
2
Typical Application Schematic
Figure 1.
SMPS power supply: secondary side
D1
D2
C1
L1
Nc
Gnd
Ref
Vcc
Sink
1
2
34
5
Vref
U1
TS4431
R1
R2
R3
Vout
Cd1
100nF



Html Pages

1 2 3 4 5 6 7 8