| Moteur de recherche de fiches techniques de composants électroniques |
|
SP481E Fiches technique(PDF) 11 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP481E Fiches technique(HTML) 11 Page - Sipex Corporation |
|
11 / 11 page ![]() 11 May11-2007 SP481E Low Power Half-Duplex RS485 Transceivers © 2007 Sipex Corporation Corporation Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. Sipex Corporation Headquarters and Sales Office 233 South Hillview Drive Milpitas, CA 95035 TEL: (408) 934-7500 FAX: (408) 935-7600 ORDERING INFORMATION Part Number Top Mark Temperature Range Package SP481ECN ................................. 481ECNYYWWH................0˚C to +70˚C ................................... 8-pin NSOIC SP481ECN/TR ............................ 481ECNYYWWH................0˚C to +70˚C ................................... 8-pin NSOIC SP481ECP .................................. SP481ECPYYWW..............0˚C to +70˚C ...................................... 8-pin PDIP SP481EEN ................................. .481EENYYWW................-40˚C to +85˚C .................................. 8-pin NSOIC SP481EEN/TR ........................... .481EENYYWW................-40˚C to +85˚C .................................. 8-pin NSOIC SP481EEP ................................. SP481EEPYYWW............-40˚C to +85˚C ..................................... 8-pin PDIP SP485ECN ................................. 485ECNYYWW...................0˚C to +70˚C ................................... 8-pin NSOIC SP485ECN/TR ............................ 485ECNYYWW...................0˚C to +70˚C ................................... 8-pin NSOIC SP485ECP ................................. SP485ECPYYWW...............0˚C to +70˚C ..................................... 8-pin PDIP SP485EEN ................................ 485EENYYWW...................-40˚C to +85˚C ................................. 8-pin NSOIC SP485EEN/TR .......................... 485EENYYWW...................-40˚C to +85˚C ................................. 8-pin NSOIC SP485EEP ................................ SP485EEPYYWW...............-40˚C to +85˚C .................................... 8-pin PDIP SP485EMN ............................. SP485EMNYYWW................-40˚C to +125˚C ............................... 8-pin NSOIC SP485EMN/TR ....................... SP485EMNYYWW................-40˚C to +125˚C ............................... 8-pin NSOIC /TR = Tape and Reel Pack quantity is 2500 for Narrow SOIC. Available in lead free packaging. To order add "-L" suffix to part number. Example: SP485EEN/TR = standard; SP485EEN-L/TR = lead free http://www.sipex.com/productDetails.aspx?part=SP481E http://www.sipex.com/productDetails.aspx?part=SP485E For latest information on Product Status and ordering Samples: |