Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ODP-43-PA-155-SCX-R Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce ODP-43-PA-155-SCX-R
Description  FSAN High Power Diplexer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ODP-43-PA-155-SCX-R Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  ODP-43-PA-155-SCX-R Datasheet HTML 1Page - List of Unclassifed Manufacturers ODP-43-PA-155-SCX-R Datasheet HTML 2Page - List of Unclassifed Manufacturers ODP-43-PA-155-SCX-R Datasheet HTML 3Page - List of Unclassifed Manufacturers ODP-43-PA-155-SCX-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ODP-43-PE
FSAN High Power Diplexer
PRELIMINARY
Mechanical Drawing
Receiver Block Diagram
0.01 µF
1nH
Vcc
10 µF
+
OUT -
OUT +
1
4
3
2
C
C
Luminent Optical block
Customer Interface
At 155 Mbps, C= 0.1µF
At 622 Mbps, C= 0.1 µF
At 1250 Mbps, C= 0.022 µF



Html Pages

1 2 3 4