| Moteur de recherche de fiches techniques de composants électroniques |
|
LE52CDTR Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LE52CDTR Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 27 page ![]() LE00AB/C SERIES 13/27 Table 22: Electrical Characteristics For LE47AB (refer to the test circuits, Tj = 25°C, CI = 0.1 µF, CO = 2.2 µF unless otherwise specified.) Table 23: Electrical Characteristics For LE47C (refer to the test circuits, Tj = 25°C, CI = 0.1 µF, CO = 2.2 µF unless otherwise specified.) Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO = 10 mA, VI = 6.7 V 4.653 4.7 4.747 V IO = 10 mA, VI = 6.7 V, Ta = -25 to 85°C 4.606 4.794 VI Operating Input Voltage IO = 100 mA 18 V IO Output Current Limit 150 mA ∆V O Line Regulation VI = 5.4 to 18 V, IO = 0.5 mA 4 20 mV ∆V O Load Regulation VI = 5.7 V IO = 0.5 to 100 mA 3 15 mV Id Quiescent Current VI = 5.7 to 18V, IO = 0mA ON MODE 0.5 1 mA VI = 5.7 to 18V, IO = 100mA 1.5 3 VI = 6 V OFF MODE 50 100 µA SVR Supply Voltage Rejection IO = 5 mA VI = 6.7 ± 1 V f = 120 Hz 77 dB f = 1 KHz 72 f = 10 KHz 60 eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage IO = 100 mA 0.2 0.4 V IO = 100 mA Ta = -40 to 125°C 0.5 VIL Control Input Logic Low Ta = -40 to 125°C 0.8 V VIH Control Input Logic High Ta = -40 to 125°C 2 V II Control Input Current VI = 6 V, VC = 6 V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO = 0 to 100 mA 2 10 µF Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO = 10 mA, VI = 6.7 V 4.606 4.7 4.794 V IO = 10 mA, VI = 6.7 V, Ta = -25 to 85°C 4.512 4.888 VI Operating Input Voltage IO = 100 mA 18 V IO Output Current Limit 150 mA ∆V O Line Regulation VI = 5.4 to 18 V, IO = 0.5 mA 4 30 mV ∆V O Load Regulation VI = 5.7 V IO = 0.5 to 100 mA 3 25 mV Id Quiescent Current VI = 5.7 to 18V, IO = 0mA ON MODE 0.5 1 mA VI = 5.7 to 18V, IO = 100mA 1.5 3 VI = 6 V OFF MODE 50 100 µA SVR Supply Voltage Rejection IO = 5 mA VI = 6.7 ± 1 V f = 120 Hz 77 dB f = 1 KHz 72 f = 10 KHz 60 eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage IO = 100 mA 0.2 0.4 V IO = 100 mA Ta = -40 to 125°C 0.5 VIL Control Input Logic Low Ta = -40 to 125°C 0.8 V VIH Control Input Logic High Ta = -40 to 125°C 2 V II Control Input Current VI = 6 V, VC = 6 V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO = 0 to 100 mA 2 10 µF |