Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PHA-DI Fiches technique(PDF) 1 Page - Omega Engineering, Inc.

No de pièce PHA-DI
Description  Pre-Mixed pH Calibration Solutions and Deionized Water
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMEGA [Omega Engineering, Inc.]
Site Internet  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PHA-DI Fiches technique(HTML) 1 Page - Omega Engineering, Inc.

  PHA-DI Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C-16
Pre-Mixed pH Calibration Solutions and Deionized Water
Formulated to provide precise pH determinations, these
buffer solutions which are standardized against NIST-certified
reference samples, are ideal for calibrating electrodes and pH
meters. The buffers are color-coded to avoid error and accurate
to within ±0.01 pH at 25°C (77°F). Each buffer contains a
preservative/mold inhibitor and a shrink-sealed cap to prevent
contamination and leakage. Temperature compensation charts
are included with each buffer solution.
Ordering Examples: PHA-7-GAL, 7.00 pH buffer solution 1 gallon bottle.
PHA-7, 7.00 buffer solution, 1 pt bottle.
PHA-4 Series
U
Deionized Water
U
Pre-Mixed pH Solutions
U
Two Bottle Sizes Available
U
pH Solutions Standardized Against
NIST Certified Sample
PHA-4-GAL
PHA-4
PHA-7-GAL
PHA-10-GAL
PHA-7
All shown smaller
than actual size.
PHA-10
PHAB-PH
5 each 4, 7 and
10 buffer packs
with 5 deionized
water packs.
Shown smaller
than actual size.
To Order
Model No.
Description
PHA-4
4.00 pH buffer solution 500 mL (1 pint) bottle
PHA-4-GAL
4.00 pH buffer solution 4 L (1 gal) bottle
PHA-7
7.00 pH buffer solution 500 mL (1 pint) bottle
PHA-7-GAL
7.00 pH buffer solution 4 L (1 gal) bottle
PHA-10
10.00 pH buffer solution 500 mL (1 pint) bottle
PHA-10-GAL 10.00 pH buffer solution 4 L (1 gal) bottle
PHA-DI
Deionized water 500 mL (1 pint) bottle
PHA-DI-GAL Deionized water 4 L (1 gal) bottle
PHAB-DI
20 single use deionized water packets
PHAB-PH
5 each 4, 7 and 10 buffer packs with 5 deionized
water packs


Numéro de pièce similaire - PHA-DI

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
PHA-1 MINI-PHA-1 Datasheet
330Kb / 5P
Monolithic Amplifier
PHA-1+ MINI-PHA-1+ Datasheet
165Kb / 1P
Monolithic Amplifier
PHA-1+ MINI-PHA-1+ Datasheet
330Kb / 5P
Monolithic Amplifier
PHA-1+ MINI-PHA-1+ Datasheet
377Kb / 1P
Monolithic Amplifiers
REV. OR
PHA-1-D MINI-PHA-1-D Datasheet
289Kb / 6P
Monolithic Amplifier Die
More results

Description similaire - PHA-DI

FabricantNo de pièceFiches techniqueDescription
logo
PANDUIT CORP.
PCA18-5 PANDUIT-PCA18-5 Datasheet
71Kb / 1P
Network and Electrical Solutions
PCM-52 PANDUIT-PCM-52 Datasheet
100Kb / 1P
Network and Electrical Solutions
PCM-T1 PANDUIT-PCM-T1 Datasheet
100Kb / 1P
Network and Electrical Solutions
logo
Anpec Electronics Corop...
APX9781 ANPEC-APX9781 Datasheet
197Kb / 13P
Single-Phase digital calibration Motor Pre-Driver for Fan Motor
logo
DISCO Corporation
DWR1722 DISCO-DWR1722 Datasheet
353Kb / 2P
Deionized Water Recycling Unit
logo
Endress+Hauser Group Se...
CPF201 EH-CPF201 Datasheet
1Mb / 8P
Compact electrode for pH measurement in pure and ultrapure water
06.03
CPF81E EH-CPF81E Datasheet
929Kb / 12P
pH sensor for mining operations, industrial water and wastewater treatment
2021-03-08
CPS31D EH-CPS31D Datasheet
867Kb / 12P
pH sensors for drinking water and swimming pool water
2022-01-19
CPS31E EH-CPS31E Datasheet
927Kb / 12P
pH sensor for standard applications in drinking water and swimming pool water
2021-01-11
CLY421 EH-CLY421 Datasheet
845Kb / 12P
Conductivity calibration kit for ultrapure water applications
2022-09-29
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com