Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA661AS Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce SMA661AS
Description  Fully integrated GPS LNA IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA661AS Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button SMA661AS_07 Datasheet HTML 6Page - STMicroelectronics SMA661AS_07 Datasheet HTML 7Page - STMicroelectronics SMA661AS_07 Datasheet HTML 8Page - STMicroelectronics SMA661AS_07 Datasheet HTML 9Page - STMicroelectronics SMA661AS_07 Datasheet HTML 10Page - STMicroelectronics SMA661AS_07 Datasheet HTML 11Page - STMicroelectronics SMA661AS_07 Datasheet HTML 12Page - STMicroelectronics SMA661AS_07 Datasheet HTML 13Page - STMicroelectronics SMA661AS_07 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Package and packing informations
SMA661AS
12/14
Figure 19.
Carrier tape requirements
Figure 20.
Device orientation
W
T
K
Bo
Do
P2
Po
P
F
E
D1
USER DIRECTION OF FEED
Ao
Bo
Ko
Min
Typ
Max
Ao
1.73
1.78
1.83
Bo
1.73
1.78
1.83
Do
1.5
1.5
1.6
D1
1
E
1.651.751.85
F
3.45
3.5
3.65
Ko
0.64
0.69
0.73
Po
3.944.1
P
3.944.1
P2
1.95
2
2.05
T
0.18
0.2
0.21
W
7.988.3
Sprocket holes
on the right
Sprocket holes
on the left
661
661
661
661
Sprocket hole
Cavity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14