| Moteur de recherche de fiches techniques de composants électroniques |
|
PD30ETDR10BPA2IO Fiches technique(PDF) 15 Page - Carlo Gavazzi Holding AG |
|
|
|||||||||||||||||||||||||||||
PD30ETDR10BPA2IO Fiches technique(HTML) 15 Page - Carlo Gavazzi Holding AG |
|
15 / 19 page ![]() 15 Carlo Gavazzi Industri A/S PD30ETDx10BPxxIO - IO-Link PD30ETDx10BPxxIO ENG 28/04/2021 Observation menu Process Data Factory default setting Analogue value Analogue value Inactive Analogue value normal Factory settings Analogue value as Object Length Analogue value as Object Speed Analogue value as Counter value Excess gain Inactive SO1, Switching output 1 Active SO2, Switching output 2 Active SSC1, Sensor switching channel 1 Inactive SSC2, Sensor switching channel 2 Inactive DA1, Dust alarm SSC1 Inactive DA2, Dust alarm SSC2 Inactive TA, Temperature alarm Inactive SC, Short circuit Inactive WDA1, Water drop alarm SSC1 Inactive WDA2, Water drop alarm SSC2 Inactive AFO1, Application functions output 1 Inactive Process data structure 4 Bytes, Analogue value 16 ... 31 (16 bit) Byte 0 31 30 29 28 27 26 25 24 MSB - - - - - - - Byte 1 23 22 21 20 19 18 17 16 - - - - - - - LSB Byte 2 15 14 13 12 11 10 9 8 - - SC TA DA2 DA1 SSC2 SSC1 Byte 3 7 6 5 4 3 2 1 0 AFO1 - - - WDA2 WDA1 SO2 SO1 |