| Moteur de recherche de fiches techniques de composants électroniques |
|
PD30CTDR10BPA2IO Fiches technique(PDF) 5 Page - Carlo Gavazzi Holding AG |
|
|
|||||||||||||||||||||||||||||
PD30CTDR10BPA2IO Fiches technique(HTML) 5 Page - Carlo Gavazzi Holding AG |
|
5 / 19 page ![]() 5 Carlo Gavazzi Industri A/S PD30CTDx10BPxxIO - IO-Link PD30CTDx10BPxxIO ENG 28/04/2021 Sensing Detection S.P.1 (trimmer/IO-Link) S.P.2 Hysteresis (man./auto) Logic Single point Two point Windows S.P.1 S.P.2 Hysteresis Logic Single point Two point Windows 3. Temperature 4. Dust 1 5. Dust 2 6. EXT-Input Selector A Logic A - B Time delay Output inverter Sensor output One of 1 to 7 AND, OR, XOR, S-R ON, OFF One-shot N.O., N.C. NPN, PNP, Push-Pull Selector B Logic A - B Time delay Output inverter Sensor output One of 1 to 7 AND, OR, XOR, S-R ON, OFF One-shot N.O., N.C. NPN, PNP, Push-Pull EXT-Input A B A B SO1 SO2 EXT- Input 1. SSC1 2. SSC2 SSC1 SSC2 Pattern Recognition Object & Gap Monitoring Speed & Length Diveder function or or or 7. Aplication functions Auto adjust |