Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8309CVMAGFC Fiches technique(PDF) 55 Page - NXP Semiconductors

No de pièce MPC8309CVMAGFC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMAGFC Fiches technique(HTML) 55 Page - NXP Semiconductors

Back Button MPC8309CVMAGFC Datasheet HTML 51Page - NXP Semiconductors MPC8309CVMAGFC Datasheet HTML 52Page - NXP Semiconductors MPC8309CVMAGFC Datasheet HTML 53Page - NXP Semiconductors MPC8309CVMAGFC Datasheet HTML 54Page - NXP Semiconductors MPC8309CVMAGFC Datasheet HTML 55Page - NXP Semiconductors MPC8309CVMAGFC Datasheet HTML 56Page - NXP Semiconductors MPC8309CVMAGFC Datasheet HTML 57Page - NXP Semiconductors MPC8309CVMAGFC Datasheet HTML 58Page - NXP Semiconductors MPC8309CVMAGFC Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
55
Package and Pin Listings
MEMC_MDQ29
D2
IO
GVDD
—
MEMC_MDQ30
C2
IO
GVDD
—
MEMC_MDQ31
C1
IO
GVDD
—
MEMC_MECC0
Y5
IO
GVDD
—
MEMC_MECC1
AA4
IO
GVDD
—
MEMC_MECC2
Y4
IO
GVDD
—
MEMC_MECC3
AA3
IO
GVDD
—
MEMC_MECC4
AC2
IO
GVDD
—
MEMC_MECC5
AB2
IO
GVDD
—
MEMC_MECC6
Y3
IO
GVDD
—
MEMC_MECC7
AB1
IO
GVDD
—
MEMC_MDM0
W1
O
GVDD
—
MEMC_MDM1
E1
O
GVDD
—
MEMC_MDM2
V3
O
GVDD
—
MEMC_MDM3
D1
O
GVDD
—
MEMC_MDM8
W5
O
GVDD
—
MEMC_MDQS0
T5
IO
GVDD
—
MEMC_MDQS1
H5
IO
GVDD
—
MEMC_MDQS2
P5
IO
GVDD
—
MEMC_MDQS3
E5
IO
GVDD
-
MEMC_MDQS8
V5
IO
GVDD
-
MEMC_MBA0
K2
O
GVDD
-
MEMC_MBA1
K3
O
GVDD
-
MEMC_MBA2
N5
O
GVDD
-
MEMC_MA0
L3
O
GVDD
-
MEMC_MA1
L5
O
GVDD
-
MEMC_MA2
L2
O
GVDD
-
MEMC_MA3
L1
O
GVDD
-
MEMC_MA4
M3
O
GVDD
-
MEMC_MA5
M4
O
GVDD
-
MEMC_MA6
M1
O
GVDD
-
MEMC_MA7
N1
O
GVDD
-
MEMC_MA8
N2
O
GVDD
-
MEMC_MA9
N3
O
GVDD
-
MEMC_MA10
L4
O
GVDD
-
MEMC_MA11
P2
O
GVDD
-
MEMC_MA12
N4
O
GVDD
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81