Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8309CVMAGDC Fiches technique(PDF) 60 Page - NXP Semiconductors

No de pièce MPC8309CVMAGDC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMAGDC Fiches technique(HTML) 60 Page - NXP Semiconductors

Back Button MPC8309CVMAGDC Datasheet HTML 56Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 57Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 58Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 59Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 60Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 61Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 62Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 63Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
60
Freescale Semiconductor
Package and Pin Listings
PCI_AD8/
E21
IO
OVDD
-
PCI_AD9/
H20
IO
OVDD
-
PCI_AD10/
D22
IO
OVDD
-
PCI_AD11/
D23
IO
OVDD
-
PCI_AD12/
J19
IO
OVDD
-
PCI_AD13/
F21
IO
OVDD
-
PCI_AD14/
G21
IO
OVDD
-
PCI_AD15/
E22
IO
OVDD
-
PCI_AD16/
E23
IO
OVDD
-
PCI_AD17/
J20
IO
OVDD
-
PCI_AD18/
F23
IO
OVDD
-
PCI_AD19/
G23
IO
OVDD
-
PCI_AD20
K19
IO
OVDD
-
PCI_AD21
H21
IO
OVDD
-
PCI_AD22
L19
IO
OVDD
-
PCI_AD23
G22
IO
OVDD
-
PCI_AD24
H23
IO
OVDD
-
PCI_AD25
J21
IO
OVDD
-
PCI_AD26
H22
IO
OVDD
-
PCI_AD27
J23
IO
OVDD
-
PCI_AD28
K18
IO
OVDD
-
PCI_AD29
K21
IO
OVDD
-
PCI_AD30
K22
IO
OVDD
-
PCI_AD31
K23
IO
OVDD
-
PCI_C_BE_B0
L20
IO
OVDD
-
PCI_C_BE_B1
L23
IO
OVDD
-
PCI_C_BE_B2
L22
IO
OVDD
-
PCI_C_BE_B3
L21
IO
OVDD
-
PCI_PAR
M19
IO
OVDD
-
PCI_FRAME_B
M20
IO
OVDD
-
PCI_TRDY_B
M23
IO
OVDD
-
PCI_IRDY_B
M21
IO
OVDD
-
PCI_STOP_B
N23
IO
OVDD
-
PCI_DEVSEL_B
N22
IO
OVDD
-
PCI_IDSEL
N21
IO
OVDD
-
PCI_SERR_B
N19
IO
OVDD
-
PCI_PERR_B
P20
IO
OVDD
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81