Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8309CVMAGFCA Fiches technique(PDF) 21 Page - NXP Semiconductors

No de pièce MPC8309CVMAGFCA
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMAGFCA Fiches technique(HTML) 21 Page - NXP Semiconductors

Back Button MPC8309CVMAGFCA Datasheet HTML 17Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 18Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 19Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 20Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 21Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 22Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 23Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 24Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
21
Local Bus
Figure 9. Local Bus Signals, GPCM/UPM Signals for LCRR[CLKDIV] = 2
LCLK
UPM Mode Input Signal:
LUPWAIT
tLBIXKH
tLBIVKH
tLBIVKH
tLBIXKH
tLBKHOZ
T1
T3
Input Signals:
LAD[0:15]/LDP[0:3]
UPM Mode Output Signals:
LCS[0:3]/LBS[0:1]/LGPL[0:5]
GPCM Mode Output Signals:
LCS[0:3]/LWE
tLBKHOV
tLBKHOV
tLBKHOZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81