Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8309CVMADFCA Fiches technique(PDF) 54 Page - NXP Semiconductors

No de pièce MPC8309CVMADFCA
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMADFCA Fiches technique(HTML) 54 Page - NXP Semiconductors

Back Button MPC8309CVMADFCA Datasheet HTML 50Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 51Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 52Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 53Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 54Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 55Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 56Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 57Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
54
Freescale Semiconductor
Package and Pin Listings
22.3
Pinout Listings
Following table shows the pin list of the MPC8309.
Table 55. MPC8309 Pinout Listing
Signal
Terminal
Pad Dir
Power Supply
Notes
DDR Memory Controller Interface
MEMC_MDQ0
U5
IO
GVDD
—
MEMC_MDQ1
AA1
IO
GVDD
—
MEMC_MDQ2
W3
IO
GVDD
—
MEMC_MDQ3
R5
IO
GVDD
—
MEMC_MDQ4
W2
IO
GVDD
—
MEMC_MDQ5
U3
IO
GVDD
—
MEMC_MDQ6
U2
IO
GVDD
—
MEMC_MDQ7
T3
IO
GVDD
—
MEMC_MDQ8
H3
IO
GVDD
—
MEMC_MDQ9
H4
IO
GVDD
—
MEMC_MDQ10
G3
IO
GVDD
—
MEMC_MDQ11
F3
IO
GVDD
—
MEMC_MDQ12
G5
IO
GVDD
—
MEMC_MDQ13
F4
IO
GVDD
—
MEMC_MDQ14
F5
IO
GVDD
—
MEMC_MDQ15
E3
IO
GVDD
—
MEMC_MDQ16
V4
IO
GVDD
—
MEMC_MDQ17
Y2
IO
GVDD
—
MEMC_MDQ18
Y1
IO
GVDD
—
MEMC_MDQ19
U4
IO
GVDD
—
MEMC_MDQ20
V1
IO
GVDD
—
MEMC_MDQ21
R4
IO
GVDD
—
MEMC_MDQ22
U1
IO
GVDD
—
MEMC_MDQ23
T2
IO
GVDD
—
MEMC_MDQ24
J5
IO
GVDD
—
MEMC_MDQ25
G2
IO
GVDD
—
MEMC_MDQ26
G1
IO
GVDD
—
MEMC_MDQ27
F1
IO
GVDD
—
MEMC_MDQ28
E2
IO
GVDD
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81