| Moteur de recherche de fiches techniques de composants électroniques |
|
LF45ABV Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LF45ABV Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 34 page ![]() LF00 SERIES 2/34 ABSOLUTE MAXIMUM RATINGS (*) For 18 < VIN < 40 the regulator is in shut-down THERMAL DATA CONNECTION DIAGRAM (top view) Symbol Parameter Value Unit VI DC Input Voltage -0.5 to 40 (*) V IO Output Current Internally Limited Ptot Power Dissipation Internally Limited Tstg Storage Temperature Range -40 to 150 °C Top Operating Junction Temperature Range -40 to 125 °C Symbol Parameter PENTAWATT TO-220 TO-220FP DPAK/PPAK Unit Rthj-case Thermal Resistance Junction-case 33 58 °C/W Rthj-amb Thermal Resistance Junction-ambient 50 50 60 100 °C/W TO-220 TO-220FP DPAK PPAK PENTAWATT |