Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CP321 Fiches technique(PDF) 21 Page - List of Unclassifed Manufacturers

No de pièce CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Fiches technique(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 17Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 18Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 19Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 20Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 21Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 22Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 23Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 24Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 144 page
background image
CP321
Introduction
ID 24977, Rev. 02
© 2003 Kontron Modular Computers GmbH
Page 1 - 3
1.
Introduction
1.1
System Overview
The CompactPCI board described in this manual operates with the PCI bus architecture to sup-
port additional I/O and memory-mapped devices as required by various industrial applications.
For detailed information concerning the CompactPCI standard, please consult the complete
Peripheral Component Interconnect (PCI) and CompactPCI Specifications. For further informa-
tion regarding these standards and their use, visit the homepage of the PCI Industrial Computer
Manufacturers Group (PICMG).
Many system relevant CompactPCI features that are specific to Kontron Modular Computers
CompactPCI systems may be found described in the Kontron CompactPCI System Manual.
Please refer to the section “Related Publications” at the end of this chapter for the relevant or-
dering information.
The CompactPCI System Manual includes the following information:
•
Common information that is applicable to all system components, such as safety infor-
mation, warranty conditions, standard connector pinouts etc.
•
All the information necessary to combine Kontron racks, boards, backplanes, power sup-
ply units and peripheral devices in a customized CompactPCI system, as well as config-
uration examples.
•
Data on rack dimensions and configurations as well as information on mechanical and
electrical rack characteristics.
•
Information on the distinctive features of Kontron CompactPCI boards, such as function-
ality, hot swap capability. In addition, an overview is given for all existing Kontron Com-
pactPCI boards.
•
Generic information on the Kontron CompactPCI backplanes, such as the slot assign-
ment, PCB form factor, distinctive features, clocks, power supply connectors and signal-
ling environment, as well as an overview of the Kontron CompactPCI standard backplane
family.
•
Generic information on the Kontron CompactPCI power supply units, such as the in-
put/output characteristics, redundant operation and distinctive features, as well as an
overview of the Kontron CompactPCI standard power supply unit family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More