Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M12 Fiches technique(PDF) 2 Page - Raspberry Pi Holdings PLC

No de pièce M12
Description  High Quality Camera
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Site Internet  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

M12 Fiches technique(HTML) 2 Page - Raspberry Pi Holdings PLC

  M12 Datasheet HTML 1Page - Raspberry Pi Holdings PLC M12 Datasheet HTML 2Page - Raspberry Pi Holdings PLC M12 Datasheet HTML 3Page - Raspberry Pi Holdings PLC M12 Datasheet HTML 4Page - Raspberry Pi Holdings PLC M12 Datasheet HTML 5Page - Raspberry Pi Holdings PLC M12 Datasheet HTML 6Page - Raspberry Pi Holdings PLC M12 Datasheet HTML 7Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Raspberry Pi High Quality Camera – Raspberry Pi Ltd
Overview
The Raspberry Pi High Quality Camera is an affordable high-quality camera from
Raspberry Pi. It offers 12-megapixel resolution and a 7.9mm-diagonal sensor for
impressive low-light performance. The M12 Mount variant is designed to work with
most interchangeable M12 lenses, and the CS Mount variant is designed to work with
interchangeable lenses in both CS- and C-mount form factors (C-mount lenses require
the use of the C-CS adapter included with this variant). Other lens form factors can be
accommodated using third-party lens adapters.
The High Quality Camera is well suited to industrial and consumer applications,
including security cameras, which require the highest levels of visual fidelity and/
or integration with specialist optics. It is compatible with all models of Raspberry Pi
computer from Raspberry Pi 1 Model B onwards, using the latest software release from
raspberrypi.com.1
The package comprises a circuit board carrying a Sony IMX477 sensor, an FPC cable
for connection to a Raspberry Pi computer, and a milled aluminium lens mount with
integrated tripod mount. The CS Mount variant lens mount features a focus adjustment
ring, and this variant ships with a C- to CS-mount adapter; the M12 Mount variant ships
with three lens locking rings (one required plus two spare).
1 Excluding early Raspberry Pi Zero models, which lack the necessary FPC connector. Later Raspberry Pi Zero models
require an adapter FPC, sold separately.



Html Pages

1 2 3 4 5 6 7