Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M27C320 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce M27C320
Description  32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C320 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button M27C320 Datasheet HTML 7Page - STMicroelectronics M27C320 Datasheet HTML 8Page - STMicroelectronics M27C320 Datasheet HTML 9Page - STMicroelectronics M27C320 Datasheet HTML 10Page - STMicroelectronics M27C320 Datasheet HTML 11Page - STMicroelectronics M27C320 Datasheet HTML 12Page - STMicroelectronics M27C320 Datasheet HTML 13Page - STMicroelectronics M27C320 Datasheet HTML 14Page - STMicroelectronics M27C320 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13/15
M27C320
Table 13. SO44 - 44 lead Plastic Small Outline, 525 mils body width, Package Mechanical Data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
2.42
2.62
0.095
0.103
A1
0.22
0.23
0.009
0.010
A2
2.25
2.35
0.089
0.093
B
0.50
0.020
C
0.10
0.25
0.004
0.010
D
28.10
28.30
1.106
1.114
E
13.20
13.40
0.520
0.528
e
1.27
–
–
0.050
–
–
H
15.90
16.10
0.626
0.634
L
0.80
–
–
0.031
–
–
α
3
°
––
3
°
––
N44
44
CP
0.10
0.004
Figure 11. SO44 - 44 lead Plastic Small Outline, 525 mils body width, Package Outline
Drawing is not to scale.
SO-b
E
N
CP
B
e
A2
D
C
L
A1
α
H
A
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15