Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M25P40-VMP6TP Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce M25P40-VMP6TP
Description  4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P40-VMP6TP Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button M25P40-VMP6TP Datasheet HTML 21Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 22Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 23Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 24Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 25Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 26Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 27Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 28Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
25/40
M25P40
Figure 19. Release from Deep Power-down (RES) Instruction Sequence
Driving Chip Select (S) High after the 8-bit instruc-
tion byte has been received by the device, but be-
fore the whole of the 8-bit Electronic Signature has
been transmitted for the first time (as shown in Fig-
ure 19.), still insures that the device is put into
Stand-by Power mode. If the device was not pre-
viously in the Deep Power-down mode, the transi-
tion to the Stand-by Power mode is immediate. If
the device was previously in the Deep Power-
down mode, though, the transition to the Stand-by
Power mode is delayed by tRES1, and Chip Select
(S) must remain High for at least tRES1(max), as
specified in Table 17.. Once in the Stand-by Power
mode, the device waits to be selected, so that it
can receive, decode and execute instructions.
C
D
AI04078B
S
2
1
34567
0
tRES1
Stand-by Mode
Deep Power-down Mode
Q
High Impedance
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40