Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMC032AFY6 Fiches technique(PDF) 13 Page - Numonyx B.V

No de pièce SMC032AFY6
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUMONYX [Numonyx B.V]
Site Internet  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AFY6 Fiches technique(HTML) 13 Page - Numonyx B.V

Back Button SMC032AFY6 Datasheet HTML 9Page - Numonyx B.V SMC032AFY6 Datasheet HTML 10Page - Numonyx B.V SMC032AFY6 Datasheet HTML 11Page - Numonyx B.V SMC032AFY6 Datasheet HTML 12Page - Numonyx B.V SMC032AFY6 Datasheet HTML 13Page - Numonyx B.V SMC032AFY6 Datasheet HTML 14Page - Numonyx B.V SMC032AFY6 Datasheet HTML 15Page - Numonyx B.V SMC032AFY6 Datasheet HTML 16Page - Numonyx B.V SMC032AFY6 Datasheet HTML 17Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
SMCxxxAF
Card physical description
13/82
3
Card physical description
The CompactFlash memory card contains a single chip controller and Flash memory
module(s). The controller interfaces with a host system allowing data to be written to and
read from the Flash memory module(s). Figure 1 shows the block diagram of the
CompactFlash memory card.
The card is offered in a type I package with a 50-pin connector consisting of two rows of 25
female contacts on 50 mil (1.27 mm) centers. Figure 9 shows type I card dimensions.
Figure 1.
CompactFlash memory card block diagram
Controller
Flash
module(s)
CompactFlash storage card
Control
Data
In/Out
Host
interface
AI04300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82