Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMMT-EC-40-M-ES-R1SCB Fiches technique(PDF) 3 Page - Festo Corporation.

No de pièce EMMT-EC-40-M-ES-R1SCB
Description  Servo Motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FESTO [Festo Corporation.]
Site Internet  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EMMT-EC-40-M-ES-R1SCB Fiches technique(HTML) 3 Page - Festo Corporation.

  EMMT-EC-40-M-ES-R1SCB Datasheet HTML 1Page - Festo Corporation. EMMT-EC-40-M-ES-R1SCB Datasheet HTML 2Page - Festo Corporation. EMMT-EC-40-M-ES-R1SCB Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feature
Value
Number of emergency stops per hour
1
Total brake friction work
1.5 kJ
Brake mass moment of inertia
0.0058 kgcm²
Switching cycles, holding brake
10 million idle actuations (without friction work!)
MTTF, subcomponent
190 years, rotor position sensor
4/3/26 - Subject to change - Festo SE & Co. KG
3/3



Html Pages

1 2 3