| Moteur de recherche de fiches techniques de composants électroniques |
|
SMC032BF Fiches technique(PDF) 39 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
SMC032BF Fiches technique(HTML) 39 Page - Numonyx B.V |
|
39 / 91 page ![]() SMCxxxBF Card Configuration 39/91 6.6 I/O Transfer Function The I/O transfer to or from the Card can be either 8 or 16 bits. When a 16 bit accessible port is addressed, the –IOIS16 signal is asserted by the Card, otherwise it is de-asserted. When a 16 bit transfer is attempted, and the –IOIS16 signal is not asserted, the system must generate a pair of 8 bit references to access the Word’s even and odd Bytes. The Card permits both 8 and 16 bit accesses to all of its I/O addresses, so –IOIS16 is asserted for all addresses (see Table 33). . Table 33. I/O Function Function Code –REG –CE2 –CE1 A0 –IORD –IOWR D15 to D8 D7 to D0 Standby Mode X H H X X X High Z High Z Byte Input Access (8 bits) L L H H L L L H L L H H High Z High Z Even Byte Odd Byte Byte Output Access (8 bits) L L H H L L L H H H L L Don’t Care Don’t Care Even Byte Odd Byte Word Input Access (16 bits) L L L L L H Odd Byte Even Byte Word Output Access (16 bits) L L L L H L Odd Byte Even Byte I/O Read Inhibit H X X X L H Don’t Care Don’t Care I/O Write Inhibit H X X X H L High Z High Z High Byte Input Only (8 bits) L L H X L H Odd Byte High Z High Byte Output Only (8 bits) L L H X H L Odd Byte Don’t Care |