Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

51163 Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce 51163
Description  PCB Headers and Receptacles
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

51163 Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  51163 Datasheet HTML 1Page - Molex Electronics Ltd. 51163 Datasheet HTML 2Page - Molex Electronics Ltd. 51163 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
-
IEC-62474
chemSHERPA (xml)
EU RoHS Certificate of Compliance
Part Details
General
Electrical
Physical
Status
Active
Category
PCB Headers and Receptacles
Series
53517
Description
2.50mm Pitch, Mini-Lock PCB
Header, Single Row, Vertical,
Through Hole, Matte Tin Plating,
Positive Lock, 7 Circuits, with
Potting Capability, Tray, 3.50mm PC
Tail Length, Black
Application
Signal, Wire-to-Board
Comments
GWT performed on end product as
per IEC 60695-2-11
Component Type
PCB Header
Product Family
Mini-Lock Wire-to-Board Connector
System
Product Name
Mini-Lock
UPC
193264530700
Current - Maximum per Contact
3.5A
Voltage - Maximum
250V AC (RMS)/DC
Breakaway
No
Circuits (Loaded)
7
Circuits (maximum)
7
Color - Resin
Black
Durability (mating cycles max)
30
Glow-Wire Capable
Yes - see comments above
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze



Html Pages

1 2 3