| Moteur de recherche de fiches techniques de composants électroniques |
|
M27C2001 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M27C2001 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 16 page ![]() 13/16 M27C2001 Table 14. LCCC32W - 32 lead Leadless Ceramic Chip Carrier, with window, Package Mechanical Data Symb mm inches Typ Min Max Typ Min Max A 2.28 0.090 B 0.51 0.71 0.020 0.028 D 11.23 11.63 0.442 0.458 E 13.72 14.22 0.540 0.560 e 1.27 – – 0.050 – – e1 0.39 – 0.015 – e2 7.62 – – 0.300 – – e3 10.16 – – 0.400 – – h 1.02 – – 0.040 – – j 0.51 – – 0.020 – – L 1.14 1.40 0.045 0.055 L1 1.96 2.36 0.077 0.093 K 10.50 10.80 0.413 0.425 K1 8.03 8.23 0.316 0.324 N32 32 Figure 10. LCCC32W - 32 lead Leadless Ceramic Chip Carrier, with window, Package Outline Drawing is not to scale. LCCCW-a e3 1 N L1 B L hx 45 o jx 45 o e2 e e1 A D E K K1 |