| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC7410 Fiches technique(PDF) 43 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC7410 Fiches technique(HTML) 43 Page - Freescale Semiconductor, Inc |
|
43 / 56 page ![]() MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1 Freescale Semiconductor 43 System Design Information Figure 27. LGA Package Exploded Cross-Sectional View with Heat Sink Clip to PCB Option The board designer can choose between several types of heat sinks to place on the MPC7410. There are several commercially-available heat sinks for the MPC7410 from the following vendors: Aavid Thermalloy 603-224-9988 70 Commercial Street, Suite 200 Concord, NH 03301 Internet: www.aavidthermalloy.com Alpha Novatech 408-567-8082 473 Sapena Ct. #12 Santa Clara, CA 95054 Internet: www.alphanovatech.com The Bergquist Company 800-347-4572 18930 West 78th St. Chanhassen, MN 55317 Internet: www.bergquistcompany.com International Electronic Research Corporation (IERC) 818-842-7277 413 North Moss St. Burbank, CA 91502 Internet: www.ctscorp.com Wakefield Engineering 603-635-2800 33 Bridge St. Pelham, NH 03076 Internet: www.wakefield.com Ultimately, the final selection of an appropriate heat sink depends on many factors, such as thermal performance at a given air velocity, spatial volume, mass, attachment method, assembly, and cost. Thermal Heat Sink LGA Package Heat Sink Clip Printed-Circuit Board Interface Material |