Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ERA3APC Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce ERA3APC
Description  Metal Film (Thin Film) Chip Resistors, High Reliability Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERA3APC Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  ERA3APC Datasheet HTML 1Page - Panasonic Semiconductor ERA3APC Datasheet HTML 2Page - Panasonic Semiconductor ERA3APC Datasheet HTML 3Page - Panasonic Semiconductor ERA3APC Datasheet HTML 4Page - Panasonic Semiconductor ERA3APC Datasheet HTML 5Page - Panasonic Semiconductor ERA3APC Datasheet HTML 6Page - Panasonic Semiconductor ERA3APC Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Metal Film (Thin Film) Chip Resistors, High Reliability Type
*1: Use it on the condition that the case temperature is below the upper category temperature.
*2: Rated Continuous Working Voltage (RCWV) shall be determined from RCWV=
√Power Rating × Resistance Values,
or Limiting Element Voltage listed above, whichever less.
*3: Overload Test Voltage (OTV) shall be determined from OTV=Specified Magnification (2.5) × RCWV or Maximum Overload
Voltage listed above, whichever less.
*4: E192 series resistance values are also available. Please contact us for details.
*5: Duplicated resistance values between E96, E192 and E24 series shall follow E24 Part Numbers.
(apply three digit resistance value)
Power derating curve
For resistors operated in ambient temperatures
above 85
℃, power rating shall be derated in
accordance with the figure on the right.
Grade 1
ERA2AKD
ERA2AED
ERA2AEC
ERA2AEB
ERA2APC
ERA2APB
ERA2ARC
ERA2ARB
ERA3AHD
ERA3ARW
ERA6AHD
ERA6AED
ERA6AEC
ERA6AEB
ERA6APC
ERA6APB
ERA8AHD
ERA8ARB
ERA8AED
ERA8AEC
ERA8AEB
ERA8APC
ERA8APB
ERA8ARC
±0.5
±0.25
±0.1
±0.25
±0.1
±0.25
±0.1
±0.05
±0.5
(E24,E96)
(E24,E96)
(E24,E96)
(E24,E96)
(E24,E96)
(E24,E96)
(E24,E96)
(E24,E96)
±50
±25
47 to 1 M
470 to 100 k
10 to 46.4
47 to 330 k
470 to 100 k
10 to 46.4
1 k to 100 k
±15
1 k to 100 k
±15
±25
±10
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
24-Apr-24
ERA8A
(1206)
470 to 100 k
1 k to 100 k
±25
±15
±10
±50
300
(E24,E96)
(E24,E96)
(E24,E96)
Grade 0
200
ERA3APC
ERA3APB
ERA3AED
ERA3AEC
ERA3AEB
ERA8ARW
ERA3ARC
ERA3ARB
100
150
0.125
0.25
10 to 46.4
47 to 1 M
ERA6ARC
ERA6ARB
(E24,E96)
ERA6ARW
Part No.
(inch size)
AEC-Q200
Grade
ERA6A
(0805)
ERA1A
(0201)
ERA2A
(0402)
ERA3A
(0603)
(E24,E96)
(E24,E96)
(E24,E96)
25
75
50
0.05
0.063
0.1
–55 to +155
(E24,E96)
(E24,E96)
(E24,E96)
(E24,E96)
Power
rating*1
(85
℃)
(W)
±0.1
±0.25
±25
50
±0.25
±0.1
±0.05
±10
Part No.
(detail)
ERA1AEB
ERA1AEC
ERA1ARC
ERA1ARB
ERA1ARW
±0.25
±0.1
±0.5
Category
temperature
range
(
℃)
Resistance
range*4 *5
(Ω)
T.C.R.
(×10-6/K)
Resistance
tolerance
(%)
Maximum
overload
voltage*3
(V)
Limiting
element
voltage*2
(V)
±100
±25
±15
±10
±50
100 to 10 k
100 to 10 k
1 k to 10 k
10 to 46.4
47 to 100 k
200 to 47 k
200 to 47 k
100
150
±10
Ratings
±0.5
±0.25
±0.1
±0.25
±0.1
±0.25
±0.1
±0.05
±0.1
±0.05
±0.5
±0.5
±0.25
±0.1
±0.25
±0.1
±0.25
±0.5
±0.5
±0.25
±0.1
±0.25
±0.1
-60
-20
0
20
60
20
40
60
80
100
80 100
140
180
-55 ℃
85 ℃
0
155 ℃
-40
40
160
120
Ambient temperature (℃)



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com