| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE4965-5M Fiches technique(PDF) 13 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4965-5M Fiches technique(HTML) 13 Page - Infineon Technologies AG |
|
13 / 91 page ![]() 13 Steering angle sensors The absolute steering angle position is an input for the Electric Stability Program (ESP) and other driver assistance systems. A typical module design used for steering angle measurement is a design featuring gear wheels with a slightly different number of tooths. The angular positions of the gear wheels are measured by two angle sensors, where the absolute steering wheel position is calculated from those positions via the Vernier principle. Schematic steering angle sensor module and illustration of the Vernier principle Steering wheel turns Sensor 1 01234 5 0 45 90 135 180 225 270 315 360 Sensor 2 Sensors in Electric Power Steering (EPS) www.infineon.com/eps |